Part Number Hot Search : 
2SK1339 2KBP10M GP410 HFR8A12 TC114Y MC56F IT8888G PA3202
Product Description
Full Text Search
 

To Download M74HC323 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M54/74HC299 M54/74HC323
HC299 8 BIT PIPO SHIFT REGISTER WITHASYNCHRONOUS CLEAR HC323 8 BIT PIPO SHIFT REGISTER WITH SYNCHRONOUS CLEAR
.HI .LOWPOWERDI .HI .OUTPUTDRI .SYMMETRI .BALANCEDPROPAGATI .WI .PI
GH SPEED fMAX = 42 MHz (TYP.) AT VCC = 5V SSIPATION ICC = 4 A (MAX.) AT TA = 25 C GH NOISE IMMUNITY VNIH = VNIL = 28 % VCC (MIN.) VE CAPABILITY 10 LSTTL LOADS FOR QA' TO QH' 15 LSTTL LOADS FOR QA TO QH CAL OUTPUT IMPEDANCE IOH = IOL = 6 mA (MIN.) FOR Q A, TO QH, IOH = IOL = 4 mA (MIN.) FOR Q A, TO QH ON DELAYS tPLH = tPHL DE OPERATING VOLTAGE RANGE VCC (OPR) = 2 V TO 6 V N AND FUNCTION COMPATIBLE WITH 54/74LS299
B1R (Plastic Package)
F1R (Ceramic Package)
M1R (Micro Package)
C1R (Chip Carrier)
ORDER CODES : M54HCXXXF1R M74HCXXXM1R M74HCXXXB1R M74HCXXXC1R
PIN CONNECTIONS (top view)
DESCRIPTION The M54/74HC299/323 are high speed CMOS 8BIT PIPO SHIFT REGISTERS (3-STATE) fabricated with silicon gate C2MOS technology. They achieve the high speed operation similar to equivalent LSTTL while maintaining the CMOS low power consumption. These devices have four modes (HOLD, SHIFT LEFT, SHIFT RIGHT and LOAD DATA). Each mode is chosen by two function select inputs (S0, S1). When one or both enable inputs, (G1, G2) are high, the eight input/output terminals are in the highimpedance state ; however sequential operation or clearing of the register is not affected. Clear function on the HC299 is asynchronous to CLOCK, while the HC323 is cleared synchronous to clock. All inputs are equipped with protection circuits against static discharge and transient excess voltage.
October 1993
NC = No Internal Connection
1/15
M54/M74HC299/323
INPUT AND OUTPUT EQUIVALENT CIRCUIT
TRUTH TABLE
INPUTS MODE CLEAR L L L H H H H H H FUNCTION SELECTED S1 Z CLEAR HOLD SHIFT RIGHT SHIFT LEFT LOAD H L X L L L H H H S0 H X L L H H L L H OUTPUT CONTROL G1 * X L L L L L L L X G2 * X L L L L L L L X CLOCK (299) X X X X (323) INPUTS/OUTPUTS SERIAL SL X X X X X X H L X SR X X X X H L X X X Z L L QA0 H L QBn QBn a Z L L QH0 QGn QGn H L h L L L QA0 H L QBn QBn a L L L QH0 QGn QGn H L h A/QA H/QH OUTPUTS QA' QH'
* When one or both output controls are high, the eight, input/output terminals are in thehigh impedance state: however sequential operation or clearing of the register is not affected. Z : HIGH IMPEDANCE Qn0 : THE LEVEL OF An BEFORE THE INDICATED STEADY STATE INPUT CONDITIONS WERE ESTABLISHED. Qnn : THE LEVEL ON Qn BEFORE THE MOST RECENT ACTIVE TRANSITION INDICATED BY OR a, h : THE LEVEL OF THE STEADY STATE INPUTS A, H, RESPECTIVELY. X : DON'T CARE
2/15
M54/M74HC299/323
LOGIC DIAGRAM (HC299)
3/15
M54/M74HC299/323
LOGIC DIAGRAM (HC323)
4/15
M54/M74HC299/323
TIMING CHART
IEC LOGIC SYMBOLS
HC299 HC299
5/15
M54/M74HC299/323
PIN DESCRIPTION
PIN No 1, 19 2, 3 7, 13, 6, 14, 5, 15, 4, 16 8, 17 9 11 12 18 10 20 SYMBOL S0, S1 G1, G2 A/QA to H/QH QA' to QH' CLEAR SR CLOCK SL GND VCC NAME AND FUNCTION Mode Select Inputs 3 State Output Enable Inputs (Active LOW) Parallel Data Inputs or 3 State Parallel Outputs (Bus Driver) Serial Outputs (Standard Output) Asynchronous Master Reset Input (Active LOW) Serial Data Shift Right Input Clock Input (LOW to HIGH, Edge-triggered) Serial Data Shift Left Input Ground (0V) Positive Supply Voltage
ABSOLUTE MAXIMUM RATINGS
Symbol VCC VI VO IIK IOK IO IO ICC or IGND PD Tstg TL Parameter Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Source Sink Current Per Output Pin (QA -QH) DC Output Source Sink Current Per Output Pin (QA' -QH') DC VCC or Ground Current Power Dissipation Storage Temperature Lead Temperature (10 sec) Value -0.5 to +7 -0.5 to VCC + 0.5 -0.5 to VCC + 0.5 20 20 35 235 70 500 (*) -65 to +150 300 Unit V V V mA mA mA mA mA mW
o o
C C
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition isnotimplied. (*) 500 mW: 65 oC derate to 300 mW by 10mW/oC: 65 oC to 85 oC
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VI VO Top tr, tf Supply Voltage Input Voltage Output Voltage Operating Temperature: M54HC Series M74HC Series Input Rise and Fall Time VCC = 2 V VCC = 4.5 V VCC = 6 V Parameter Value 2 to 6 0 to VCC 0 to VCC -55 to +125 -40 to +85 0 to 1000 0 to 500 0 to 400 Unit V V V
o o
C C
ns
6/15
M54/M74HC299/323
DC SPECIFICATIONS
Test Conditions Symbol Parameter VCC (V) 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 4.5 6.0 4.5 6.0 2.0 4.5 6.0 4.5 6.0 4.5 6.0 6.0 6.0 TA = 25 oC 54HC and 74HC Min. Typ. Max. 1.5 3.15 4.2 0.5 1.35 1.8 1.9 2.0 4.4 4.5 5.9 6.0 4.18 4.31 5.68 5.8 4.18 4.31 5.68 5.8 0.0 0.1 0.0 0.1 0.0 0.1 0.17 0.26 0.18 0.26 0.17 0.26 0.18 0.26 0.1 0.5 4 Value -40 to 85 oC -55 to 125 oC 74HC 54HC Min. Max. Min. Max. 1.5 1.5 3.15 3.15 4.2 4.2 0.5 0.5 1.35 1.35 1.8 1.8 1.9 1.9 4.4 4.4 5.9 5.9 4.13 4.10 5.63 5.60 4.13 4.10 5.63 5.60 0.1 0.1 0.1 0.1 0.1 0.1 0.33 0.40 0.33 0.40 0.33 0.40 0.33 0.40 1 1 5 40 10 80
Unit
VIH
High Level Input Voltage Low Level Input Voltage High Level Output Voltage QA TO QH QA' TO QH'
V
V IL
V
V OH
I =-20 VI = O VIH or IO=-6.0 V IL I =-7.8 O IO=-4.0 IO=-5.2
A mA mA mA mA
V
VOL
Low Level Output Voltage QA TO QH QA' TO QH'
II IOZ ICC
Input Leakage Current 3 State Output Off-state Current Quiescent Supply Current
I = 20 A VI = O VIH or IO= 6.0 mA V IL I = 7.8 mA O IO= 4.0 mA IO= 5.2 mA VI = VCC or GND
V
A A A
VI = VIH or VIL VO = VCC or GND 6.0 VI = VCC or GND
AC ELECTRICAL CHARACTERISTICS (C L = 50 pF, Input t r = tf = 6 ns)
Test Conditions Symbol Parameter VCC (V) 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 50 for HC299 50 CL (pF) TA = 25 oC 54HC and 74HC Min. Typ. Max. 25 60 7 6 30 8 7 85 23 18 85 24 18 12 10 75 15 13 170 34 29 175 35 30 Value -40 to 85 oC -55 to 125 oC 74HC 54HC Min. Max. Min. Max. 75 90 15 13 95 19 16 215 43 37 220 44 37 18 15 110 22 19 255 51 43 265 53 45 ns
Unit
tTLH tTHL tTLH tTHL tPLH tPHL tPHL
Output Transition Time (QA, QH) Output Transition Time (QA', QH') Propagation Delay Time (CK - QA', QH') Propagation Delay Time (CLR - QA', QH')
ns
50
ns
50
ns
7/15
M54/M74HC299/323
AC ELECTRICAL CHARACTERISTICS (C L = 50 pF, Input t r = tf = 6 ns)
Test Conditions Symbol Parameter VCC (V) 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 CL (pF) TA = 25 oC 54HC and 74HC Min. Typ. Max. 80 160 21 32 17 27 100 200 26 40 21 34 85 190 24 38 18 32 105 230 29 46 22 39 60 130 17 26 13 22 78 170 23 34 17 29 54 150 19 30 16 26 6 12 30 58 35 80 75 15 13 75 15 13 100 20 17 0 0 0 50 10 9 10 Value -40 to 85 oC -55 to 125 oC 74HC 54HC Min. Max. Min. Max. 200 240 40 48 34 41 250 300 50 60 43 51 240 285 48 57 41 48 290 345 58 69 49 59 165 195 33 39 28 33 15 255 43 51 37 43 190 225 38 45 32 38 4.8 4 24 20 28 24 95 110 19 22 16 19 95 110 19 22 16 19 125 150 25 30 21 26 0 0 0 65 13 11 10 0 0 0 75 15 13 10
Unit
tPLH tPHL
Propagation Delay Time (CK - QA, QH)
50
ns
150
ns
tPHL
Propagation Delay Time (CLR - QA, QH)
50
for HC323
ns
150
for HC323
ns
tPZL tPZH
3 State Output Enable Time
50
RL = 1 K
ns
150
RL = 1 K
ns
tPLZ tPHZ fMAX
3 State Output Disable Time Maximum Clock Frequency Minimum Pulse Width (CLOCK) Minimum Pulse Width (CLEAR) Minimum Set-up Time (S0, S1) (SL, SR, A H) (CLEAR for 323) Minimum Hold Time (S0, S1) (SL, SR, A H) (CLEAR for 323) Minimum Removal Time (CLEAR) Input Capacitance Power Dissipation Capacitance
50
RL = 1 K
ns
50
ns
tW(L) tW(H) tW(L)
50
ns
50
for HC299
ns
ts
50
ns
th
50
ns
tREM
50
for HC299 5 170
ns pF pF
CIN CPD (*)
(*) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operting current can be obtained by the following equation. ICC(opr) = CPD *VCC *fIN + ICC
8/15
M54/M74HC299/323
SWITCHING CHARACTERISTICS TEST WAVEFORM
HC299
HC323
9/15
M54/M74HC299/323
TEST CIRCUIT ICC (Opr.)
10/15
M54/M74HC299/323
Plastic DIP20 (0.25) MECHANICAL DATA
mm MIN. a1 B b b1 D E e e3 F I L Z 3.3 1.34 8.5 2.54 22.86 7.1 3.93 0.130 0.053 0.254 1.39 0.45 0.25 25.4 0.335 0.100 0.900 0.280 0.155 1.65 TYP. MAX. MIN. 0.010 0.055 0.018 0.010 1.000 0.065 inch TYP. MAX.
DIM.
P001J
11/15
M54/M74HC299/323
Ceramic DIP20 MECHANICAL DATA
mm MIN. A B D E e3 F G I L M N1 P Q 7.9 2.29 0.4 1.27 0.22 0.51 0.5 22.86 2.79 0.55 1.52 0.31 1.27 0.090 0.016 0.050 0.009 0.020 3.3 1.78 0.020 0.900 0.110 0.022 0.060 0.012 0.050 TYP. MAX. 25 7.8 0.130 0.070 MIN. inch TYP. MAX. 0.984 0.307
DIM.
4 (min.), 15 (max.) 8.13 5.71 0.311 0.320 0.225
P057H
12/15
M54/M74HC299/323
SO20 MECHANICAL DATA
DIM. MIN. A a1 a2 b b1 C c1 D E e e3 F L M S 7.40 0.50 12.60 10.00 1.27 11.43 7.60 1.27 0.75 8 (max.) 0.291 0.19 13.00 10.65 0.35 0.23 0.50 45 (typ.) 0.496 0.393 0.050 0.450 0.299 0.050 0.029 0.512 0.419 0.10 mm TYP. MAX. 2.65 0.20 2.45 0.49 0.32 0.013 0.009 0.020 0.004 MIN. inch TYP. MAX. 0.104 0.007 0.096 0.019 0.012
P013L
13/15
M54/M74HC299/323
PLCC20 MECHANICAL DATA
mm MIN. A B D d1 d2 E e e3 F G M M1 1.27 1.14 7.37 1.27 5.08 0.38 0.101 0.050 0.045 9.78 8.89 4.2 2.54 0.56 8.38 0.290 0.050 0.200 0.015 0.004 TYP. MAX. 10.03 9.04 4.57 MIN. 0.385 0.350 0.165 0.100 0.022 0.330 inch TYP. MAX. 0.395 0.356 0.180
DIM.
P027A
14/15
M54/M74HC299/323
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use ascritical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1994 SGS-THOMSON Microelectronics - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A
15/15


▲Up To Search▲   

 
Price & Availability of M74HC323

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X